Part Number Hot Search : 
IS3022 5801404 1N4756A P6KE20 31000 9DBV0241 E4413A HI5728
Product Description
Full Text Search
 

To Download PD-INC-230VAC-G5V-TTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODIS-INC Digital Process Meter for Incremental Sensors
* For ASM Position Sensors and Encoders with incremental output * Integrated sensor supply * Counting rate up to 250 KHz * 6-digit LED display * Relative measurement mode * RS-232 interface * Optional 4 comparator outputs
Description
PRODIS-INC is designed for use with incremental position sensors to display angles and displacements. The fast counter processes 90 phase shifted A,B signals (quadrature signals) for direction and counting information. Sensor excitation is supplied from the meter. With four membrane keys all parameters can be programmed for the special application. An zero signal and a reference signal can be used for calibration of the measurement system. Optional comparator functions with 4 NPN open-collector outputs are available, 2 of them also as relay output
Display 6-digit 7-segment LED, 14 mm high, decimal point programmable 24 V DC 10% / 150 mA, 85-230 V AC / 180 mA max. 250 kHz maximum, 1 MHz edge frequency 24 V DC/300 mA or 5 V DC/500 mA A, B, Z, T (reference signal) Terminal strip 12-pole, excitation 3-pole -10 ... 40 C -20 ... 85 C Approx. 250 g Front IP60, back IP40 95% R.H., non condensing 250 V AC/5 A, 30 V DC/5 A 24 V max./50 mA to GND Directive 73/23/EEC: DIN EN 61010:1994-03 Directive 89/336/EEC
Specifications
Excitation voltage/current Counting rate Sensor excitation Inputs Connection Operation temperature Storage temperature Weight Protection class Humidity Comparator outputs (option) Relay NPN Electromagnetic compatibility Safety of equipment
Order Code PRODIS-INC
Model Name Excitation Voltage 24VDC = 24 V DC 230VAC = 230 V AC Sensor Excitation Voltage G24V = 24 V DC G5V = 5 V DC Sensor Signal HTL = HTL level TTL = TTL level Comparator (option) REL2
PD-INC
Order Example: PD - INC - 24VDC - G24V - HTL
ASM 220503 DAB-PD-INC-E-03 1
PRODIS-INC Digital Process Meter for Incremental Sensors
Value range display, offset, limit values
-999999 up to +999999 0 up to 59999 Counting direction, decimal point position, last-value memory, Z signal evaluation, display brightness Manual zero, key lock, display value hold, Z release, relative measurement
Programmable Parameters / Value Range
Divisor, Multiplier Other programmable parameters
Signal T
Signals
Wiring basic equipment
Sensor +U B Sensor 0 V (GND) Signal A Signal A Signal B Signal B Signal Z (zero signal) Signal Z (zero signal) Signal T (reference signal) Signal T (reference signal) GND PD-INC-24VDC Excitation +24 V Excitation 0 V PD-INC-230VAC Excitation Protective ground
Connector X1 Pin No. 1 2 4 5 6 7 8 9 10 11 12
Connector X2 Pin No.
13 14 13 / 15 14
5 .......1 RS-232 1 ................................12 13 14 15
Rear view without comparator functions
PD-INC-24VDC
X1 X2 13 14 15
PD-INC-230VAC
X1 X2
Level
RS-232: 8 V, galvanically isolated 1 start bit, 8 data bits, 1 stop bit, no parity 4800 / 9600 / 19200 Baud Connector X3 Pin No. 17 16 18 DSUB Connector Pin No. 2 3 5
RS-232 Interface
Data format Transmission rate Signals TxD RxD GND
2
DAB-PD-INC-E-03
ASM
PRODIS-INC Digital Process Meter for incremental Sensors
30 29 28 27 26 25
24 23 22 21 20 19 18 17 16
Rear view with comparator functions
X4
X3
RS-232
Comparator functions (option)
4 comparator outputs: 1 & 2 = relay and NPN output, 3 & 4 = NPN outputs Signals NPN1 collector NPN2 collector NPN3 collector NPN4 collector NPN GND NPN +UB (24 V) Relay1 NO Relay1 NC Relay1 COM Relay2 NO Relay2 NC Relay2 COM
LED 1 is on when relay 1 is in operation LED 2 is on when relay 2 is in operation Connector X4 Pin No. Connector X3 Pin No. 20 21 22 23 24 19 25 27 26 28 30 29
Zero signal Z and reference signal T
Valid range ( A & B & Z ) resp. ( A & B & Z & T )
ASM
DAB-PD-INC-E-03
3
PRODIS-INC Digital Process Meter for incremental Sensors
Outline drawing
ASM
48
96
45+0,6
Cut-out according to DIN 43700 nach DIN 43700
Schalttafelausschnitt
92+0,6
PD - INC - 24VDC
9,9 55 8
89,5
9,9
89,5
32 8
PD - INC - 230VAC
4
DAB-PD-INC-E-03
42,4
ASM


▲Up To Search▲   

 
Price & Availability of PD-INC-230VAC-G5V-TTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X